PART |
Description |
Maker |
ATS640JSB ATS640JCB |
True zero-speed,self-calubrating,differetial hall-effect gear-tooth sensor for two-wire application TRUE ZERO-SPEED/ HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS True Zero-Speed,Self-Calibrating ,Hall-Effect Gear-Tooth Sensor For Two-Wire Applications(???搴???讹?????????????榻胯疆???浼??????ㄤ嚎绾匡?)
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
SR2C101KR SR2E470KR SR2E470KC SR2E470MT SR2E470MR |
SPEAKER,RND,PC MNT,1.2",8ohm, .15WATT 1.2KHZ-4KHZ,MYLAR SOCKET,PLCC,52PIN,SOLDERTAIL THRU-HOLE SOCKET,PLCC,44 PIN,SOLDERTAIL, THRU-HOLE SWITCH BOX,25PIN,A/B SWITCH 20/cs SWITCH BOX,DB9,2-WAY 20/CS MOTOR,STEP,12VDC/.4A, 2100 GM-CM 铝电解电容器 ALUMINIUM ELECTROLYTIC CAPACITOR 铝电解电容器 MOTOR,DC,GEAR,12V,167/1,36RPM, 5400G-CM,94MA 铝电解电容器 MOTOR,DC,GEAR,12V,150/1,40RPM, 4800G-CM,88MA 铝电解电容器 MOTOR,DC,GEAR,12V,90/1,66RPM, 2100G-CM,80MA 铝电解电容器 CONNECTOR,RJ11,6P6C,STRANDED (10) 铝电解电容器 CONNECTOR,RJ45,8P8C,STRANDE 铝电解电容器
|
DB Lectro Inc. DB Lectro, Inc.
|
ATS625LSG-T ATS625LSGTN |
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor ATS625LSG True Zero-Speed, Low-Jitter, High-Accuracy Gear-Tooth Sensor
|
Allegro MicroSystems, Inc.
|
ATS672LSB-LT ATS672LSB03 |
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
|
http:// Allegro MicroSystems
|
ATS640JSB ATS610LSA ATS611LSB ATS612JSB ATS622LSB |
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
|
ALLEGRO[Allegro MicroSystems]
|
ABL006-00 ABL ABL016-10 ABL004-00 ABL004-10 ABL005 |
Single/Double Bridge Gear Tooth And Encoder Sensors
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
ATS625LSGTN-T3 |
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
|
Allegro MicroSystems, Inc.
|
ATS650LSH-I2 ATS650LSH-I1 |
ATS650LSH Two-Wire Direction Detection Gear Tooth Sensor with Diagnostic Output
|
Allegro MicroSystems
|
ATS611LSB ATS610LSA ATS610 ATS610LSC ATS611 |
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
ATS625 ATS625LSG |
True Zero-Speed, Low-Jitter, High-Accuracy Gear-Tooth Sensor
|
Allegro MicroSystems
|
LICU LICU1150A LICU15A |
Low Voltage Inductive Coupling Unit Low Voltage Capacitive Coupling Unit Low Voltage Capacitive Coupling Unit
|
PREMO CORPORATION S.L
|
|